PART |
Description |
Maker |
BAT14 BAT14-03W |
Silicon Schottky Diode Schottky Diodes - RF Schottky diode for DBS mixer application to 12GHz
|
Infineon Technologies A... Infineon Technologies AG
|
SD103AWS-TP SD103BWS-TP |
DIODE SCHOTTKY 40V 350MA SOD323 0.35 A, 40 V, SILICON, SIGNAL DIODE 400mW Small Signal Schottky Diode 20 to 40 Volts DIODE SCHOTTKY 30V 350MA SOD323
|
Micro Commercial Components, Corp.
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|
BAT54WX-TP |
DIODE SCHOTTKY 30V SOD-523 0.2 A, 30 V, SILICON, SIGNAL DIODE 200mWatt, 30Volt Schottky Diodes
|
Tianjin Global Magnetic Card Co., Ltd. Micro Commercial Components
|
CMDSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT SUPERmini LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
DSA30C150PB DSA30C150HB |
Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
|
IXYS Corporation
|
BAT66-05 BAT66_05 Q62702-A988 |
From old datasheet system Silicon Schottky Diode (Low-power Schottky rectifier diode)
|
SIEMENS[Siemens Semiconductor Group]
|
CMDSH-4E |
SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SCHOTTKY DIODE
|
Central Semiconductor Corp
|
NTLJF3118N |
Power MOSFET and Schottky Diode 20 V, 4.6 A, μCool™ N-Channel, with 2.0 A Schottky Barrier Diode
|
ON Semiconductor
|
151CMQ 151CMQ050 151CMQ035 151CMQ040 151CMQ045 |
DIODE 150 A, 50 V, SILICON, RECTIFIER DIODE, TO-249AA, D-60, MODIFIED TO-249AA, 9 PIN, Rectifier Diode SCHOTTKY RECTIFIER 35V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 40V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 45V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package
|
Vishay Semiconductors IRF[International Rectifier]
|